PART |
Description |
Maker |
WU400 WU100 WU101 WU102 WU103 WU104 WU105 WU106 WU |
DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -12.0 VDC. Output current -400 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -15.0 VDC. Output current -333 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 15.0 VDC. Output current 667 mA. Input current 10 mA(no load), 2510 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 3.3 VDC. Output current 3000 mA. Input current 10 mA(no load), 2470 mA(full load). 10/15 Watts WU Series 10/15瓦吴系列 Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:2100mAh Nickel Cadmium Battery; Voltage Rating:1.2V; Battery Size Code:Sub C; Battery Capacity:1900mAh; Battery Terminals:Pressure Contact DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 5.0 VDC. Output current 2000 mA. Input current 10 mA(no load), 2620 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage 12.0 VDC. Output current 800 mA. Input current 10 mA(no load), 2520 mA(full load). DC/DC converter, 10/15 watts. 4:1 input range. Input voltage 4.5-6.0 VDC. Output voltage -5.0 VDC. Output current -1000 mA. Input current 10 mA(no load), 2620 mA(full load).
|
XPiQ Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers International Power Sources
|
NJM2737 |
Low Noise Low Supply Voltage Dual Operational Amplifier with Full Swing Input and Output
|
New Japan Radio
|
ISL28238 ISL28238FBZ ISL28238FBZ-T7 ISL28238FUZ IS |
4.5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC OP-AMP, 650 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil, Corp. Intersil Corporation
|
BU7241YG-CTR |
Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
|
Rohm
|
WE300M WE400M WE320M WE300 WE301 WE301M WE320 |
DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 2.5 VDC. Output current 5000 mA. Input current 30 mA(no load), 645 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 5 VDC. Output current 4000 mA. Input current 20 mA(no load), 992 mA(full load). DC/DC converter, 20 watts. Input voltage 18-36 VDC. Output voltage 3.3 VDC. Output current 5000 mA. Input current 20 mA(no load), 828 mA(full load). DC to DC Converter
|
International Power Sources
|
NJU7044 |
Input/Output Full-Swing High Output Current Quad C-MOS Operational Amplifier
|
New Japan Radio
|
FDED-9PF FDED-9SF FDAD-15PF FDAD-15SF FDAD-25PF FD |
RIBBON-CABLE LOW-PROFILE FD CONNECTORS RIBBON-CABLE LOW-PROFILE FD CONNECTORS 带状线低轮廓衍生连接 ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Switch Mode Power Supply; Output Power:1500W; No. of Outputs:1; Output 1 VDC :12VDC; Output Current 1:125A; Power Supply Mounting:Chassis; Output Voltage:12V; Series:HWS1800T RoHS Compliant: Yes
|
HIROSE ELECTRIC Co., Ltd. http:// Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
MAX530 MAX530ACAG MAX530ACNG MAX530ACWG MAX530AEAG |
5V, Low-Power, Parallel-Input, Voltage-Output, 12-Bit DAC 5V Low-Power Parallel-Input Voltage-Output 12-Bit DAC From old datasheet system 5V / Low-Power / Parallel-Input / Voltage-Output / 12-Bit DAC
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BU7261G BU7261SG-TR BU7262F BU7262F-E2 BU7261G-TR |
Input/Output Full Swing Input/Output Full Swing
|
Rohm
|
ISL28258FBZ ISL28258FBZ-T7 ISL28258FUZ ISL28258FUZ |
34μA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34楼矛A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps 34レA Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
|
Intersil Corporation
|